Part Number Hot Search : 
2N6715 EMK11 BU252 BS616L BCR12 BB80WAC SF16G 152K8X
Product Description
Full Text Search
 

To Download IN914B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high speed silicon switching diode in914 , b in916 250mw do- 35 glass axial packa g e features intended for general purpose application. absolute maximum ratings (ta=25oc unless specified otherwise) description symbol value unit reverses voltage ( continuous) v r 75 v repetitive peak reverse voltage v rrm 100 v average forward current t a =25oc i f ( av ) 75 ma t a =150oc i f ( av ) 10 ma forward current (d.c.) i f 75 ma repetitive peak forward current i frm 225 ma non repetitive peak surge current tp=1sec i fsm 500 ma power dissipation p tot 250 mw storage temperature t st g -65 to +200 oc operating ambient temperature t amb -65 to +175 oc electrical characteristics (ta=25oc unless specified otherwise) description symbol test condition min typ max unit forward voltage v f in914/916 i f =10 1.0 v 1n914b i f =100ma, 1.0 v i f =5ma, 0.62 0.72 v reverse breakdown voltage v ( br ) r i r =100 a 100 v reverse current i r v r = 20v 25 n v r = 75v 5 a v r = 20v, t j =150oc diode capacitance c d v r =0, f=1mhz 2.5 pf reverse recovery time t rr i f =10ma to i r =10ma 8ns r l =100 ? measured at i r =1ma i f =10ma to i r =60ma 4ns r l =100 ? measured at i r =1ma continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company continental device india limited data sheet page 1 of 3 1n914_b_6 rev031001
do-35 glass axial package do-35, 52mm taping specification note: cathode is marked by band. c d a b a all dimensions are in mm. dim a b c d min 25.40 3.05 0.46 1.70 max ? 4.15 0.56 2.29 52 mm taping specification t & a indicates axial tape and ammo packing (52 mm tape spacing). 1. 300 mm (min) leader tape on every tape. 2. no. of empty places allowed 0.25% without consecutive empty places. 3. ends of leads shall preferably not protrude beyond the tapes. 4. components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling. 5. all dimensions are in mm. 1 . 0 5 m a x . 1.5 r max. 5.50 4.50 52.0 48.0 11 diodes 5 4 . 0 0 5 0 . 0 0 c e n t r e l i n e 1 . 0 5 6 . 0 5 . 0 do-35 t&a 5k/ammo box 0.88 kg/5k pcs 10" x 3.2" x 3.2" 5k 12.7" x 12.7" x 20" 125k 25 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail on request also available in 26 mm tape do-35:- 5000 pcs./ammo pack diode ammo pack label 2 5 5 . 0 tapes 8 3 . 0 leader 6 . 0 1 . 0 1 . 0 2 . 0 5 2 . 0 6 . 0 f e e d 8 0 . 0 2 . 0 2 . 0 2 . 0 continental device india limited data sheet page 2 of 3 1n914_b_6 rev031001 in916 250mw do- 35 glass axial package
component disposal instructions ? 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 1n914_b_6 rev031001 customer notes disclaimer the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3 2. in europe, please dispose as per eu directive 2002/96/ec on waste electrical and electronic equipment (weee). in916 250mw


▲Up To Search▲   

 
Price & Availability of IN914B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X